Part Number Hot Search : 
MP018 3PSF802 51845 TGA45 MP018 KBP08M STRRP NRF24E2
Product Description
Full Text Search
 

To Download SN74LS323DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SN54/74LS323 8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
The SN54 / 74LS323 is an 8-Bit Universal Shift / Storage Register with 3-state outputs. Its function is similar to the SN54 / 74LS299 with the exception of Synchronous Reset. Parallel load inputs and flip-flop outputs are multiplexed to minimize pin count. Separate inputs and outputs are provided for flip-flops Q0 and Q7 to allow easy cascading. Four operation modes are possible: hold (store), shift left, shift right, and parallel load. All modes are activated on the LOW-to-HIGH transition of the Clock.
8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
LOW POWER SCHOTTKY
* Common I/O for Reduced Pin Count * Four Operation Modes: Shift Left, Shift Right, Parallel Load and Store * Separate Continuous Inputs and Outputs from Q0 and Q7 Allow Easy * * * *
Cascading Fully Synchronous Reset 3-State Outputs for Bus Oriented Applications Input Clamp Diodes Limit High-Speed Termination Effects ESD > 3500 Volts
20 1
J SUFFIX CERAMIC CASE 732-03
20
N SUFFIX PLASTIC CASE 738-03
1
CONNECTION DIAGRAM DIP (TOP VIEW)
VCC S1 20 19 DS7 Q7 18 17 I/O7 I/O5 I/O3 I/O1 CP 16 15 14 13 12 DS0 11
NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package.
20 1
DW SUFFIX SOIC CASE 751D-03
ORDERING INFORMATION
SN54LSXXXJ Ceramic SN74LSXXXN Plastic SN74LSXXXDW SOIC
1 S0
8 2 3 4 5 6 7 OE1 OE2 I/O6 I/O4 I/O2 I/O0 Q0
9 10 SR GND
PIN NAMES HIGH CP DS0 DS7 I/On OE1, OE2 Q0, Q7 S0, S1 SR Clock Pulse (active positive going edge) Input Serial Data Input for Right Shift Serial Data Input for Left Shift Parallel Data Input or Parallel Output (3-State) (Note c) 3-State Output Enable (active LOW) Inputs Serial Outputs (Note b) Mode Select Inputs Synchronous Reset (active LOW) Input
LOADING (Note a) LOW 0.25 U.L. 0.25 U.L. 0.25 U.L. 0.5 U.L. 15 (7.5) U.L. 0.25 U.L. 5 (2.5) U.L. 0.25 U.L.
0.5 U.L. 0.5 U.L. 0.5 U.L. 1.0 U.L. 65 (25) U.L. 0.5 U.L. 10 U.L. 1 U.L. 0.5 U.L.
NOTES: a) 1 TTL LOAD = 40 A HIGH/1.6 mA LOW. b) The output LOW drive factor is 2.5 U.L for Military (54) and 5 U.L. for Commercial Temperature Ranges. c) The output LOW drive factor is 7.5 U.L for Military (54) and 15 U.L. for Commercial Temperature Ranges. The output HIGH drive factor is 25 U.L. for Military (54) and 65 U.L. for Commercial Temperature Ranges.
FAST AND LS TTL DATA 5-1
SN54/74LS323
S1 19 S0
1
LOGIC DIAGRAM
18
DS7 DS0 SR
12 11 9
CP Q0
8 D CP Q D CP Q D CP Q D CP Q D CP Q D CP Q D CP Q D CP Q 17
Q7
OE1 OE2
2 3 7 13 6 14 5 15 4 16
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
FUNCTIONAL DESCRIPTION The logic diagram and truth table indicate the functional characteristics of the SN54/74LS323 Universal Shift/Storage Register. This device is similar in operation to the SN54/74LS299 except for synchronous reset. A partial list of the common features are described below: 1. They use eight D-type edge-triggered flip-flops that respond only to the LOW-to-HIGH transition of the Clock (CP). The only timing restriction, therefore, is that the mode control (S0, S1) and data inputs (DS0, DS7, I/O0-I/O7) may be stable at least a setup time prior to the positive transition of the Clock Pulse. 2. When S0 = S1 = 1, I/O0-I/O7 are parallel inputs to flip-flops Q0-Q7 respectively, and the outputs of Q0-Q7 are in the high impedance state regardless of the state of OE1 or OE2. An important unique feature of the SN54/74LS323 is a fully Synchronous Reset that requires only to be stable at least one setup time prior to the positive transition of the Clock Pulse.
TRUTH TABLE
INPUTS SR L L L L L H H H H H H H H S1 X X H L X L L H H H L L L S0 X X H X L H H L L H L L L OE1 H X X L L X L X L X H X L OE2 X H X L L X L X L X X H L X X X CP DS0 X X X X X D D X X X X X X DS7 X X X X X X X D D X X X X Synchronous Reset; Q0 = Q7 = LOW I/O voltage undetermined Synchronous Reset; Q0 = Q7 = LOW I/O voltage LOW Shift Right; D Q0; Q0 Q1; etc. Shift Right; D Q0 & I/O0; Q0 Q1 & I/O1; etc. Shift Left; D Q7; Q7 Q6; etc. Shift Left; D Q7 & I/O7; Q7 Q6 & I/O6; etc. Parallel Load I/On Qn Hold; I/O Voltage Undetermined Hold; I/On = Qn RESPONSE
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial
FAST AND LS TTL DATA 5-2
SN54/74LS323
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Output Current -- High Output Current -- Low Q0, Q7 Q0, Q7 Q0, Q7 I/O0 - I/O7 I/O0 - I/O7 I/O0 - I/O7 I/O0 - I/O7 Parameter 54 74 54 74 54, 74 54 74 54 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 0.4 4.0 8.0 - 1.0 - 2.6 12 24 Unit V C mA mA mA mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK VOH Parameter Input HIGH Voltage 54 Input LOW Voltage 74 Input Clamp Diode Voltage Output HIGH Voltage I/O0 - I/O7 Output HIGH Voltage Q0, Q7 Output LOW Voltage I/O0 - I/O7 Output LOW Voltage Q0 - Q7 Output Off Current HIGH I/O0 - I/O7 Output Off Current LOW I/O0 - I/O7 Others S0, S1, I/O0 - I/O7 IIH Input HIGH Current Others S0, S1 I/O0 - I/O7 Input LOW Current IIL IOS Short Circuit Current (Note 1) Power Supply Current Others S0, S1 Qo, Q7 I/O0 - I/O7 - 20 - 30 54 74 54 74 54, 74 74 54, 74 74 2.4 2.4 2.5 2.7 - 0.65 3.2 3.1 3.4 3.4 0.25 0.35 0.4 0.5 0.4 0.5 40 - 400 20 40 0.1 0.2 0.1 - 0.4 - 0.8 -100 -130 53 0.8 - 1.5 V V V V V V V V V A A A A mA mA mA mA mA mA mA mA VCC = MAX, VIN = 0.4 V VCC = MAX VCC = MAX VCC = MAX VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 5.5 V VCC = MAX, VIN = 2.7 V VCC = MIN, IOH = MAX IOL = 12 mA IOL = 24 mA IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table VCC = VCC MIN, VIN = VIL or VIH per Truth Table VCC = MIN, IOH = MAX Min 2.0 0.7 V Typ Max Unit V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA
VOH
VOL
VOL IOZH IOZL
VCC = MAX, VOUT = 2.7 V VCC = MAX, VOUT = 0.4 V
ICC
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
FAST AND LS TTL DATA 5-3
SN54/74LS323
AC CHARACTERISTICS (TA = 25C, VCC = 5.0 V)
Limits Symbol fMAX tPHL tPLH tPHL tPLH tPZH tPZL tPHZ tPLZ Parameter Maximum Clock Frequency Propagation Delay, Clock to Q0 or Q7 Propagation Delay, Clock to I/O0 - I/O7 Output Enable Time Output Disable Time Min 25 Typ 35 26 22 25 17 14 20 10 10 39 33 39 25 21 30 15 15 Max Unit MHz ns ns ns ns CL = 45 pF, RL = 667 CL = 15 pF Test Conditions
CL = 5.0 pF
AC SETUP REQUIREMENTS (TA = 25C, VCC = 5.0 V)
Limits Symbol tW tW tW ts ts th th trec Parameter Clock Pulse Width HIGH Clock Pulse Width LOW Clear Pulse Width LOW Data Setup Time Select Setup Time Data Hold Time Select Hold Time Recovery Time Min 25 15 20 20 35 0 10 20 Typ Max Unit ns ns ns ns ns ns ns ns VCC = 5.0 V Test Conditions
FAST AND LS TTL DATA 5-4
SN54/74LS323
3-STATE WAVEFORMS
VIN tPHL 1.3 V VOUT 1.3 V tPLH 1.3 V 1.3 V tPHL 1.3 V
VIN
1.3 V tPLH
1.3 V
VOUT
1.3 V
Figure 1
Figure 2
VE 1.5 V VE VOUT tPZL 1.5 V 0.5 V 1.5 V tPLZ 1.5 V VOL
VE 1.5 V VE tPZH 1.5 V VOUT tPHZ 1.5 V VOH 1.5 V 0.5 V
Figure 3
Figure 4
AC LOAD CIRCUIT
VCC RL SW1
SWITCH POSITIONS
SYMBOL tPZH SW1 Open Closed Closed Closed SW2 Closed Open Closed Closed
TO OUTPUT UNDER TEST
tPZL tPLZ tPHZ 5 k CL* SW2
* Includes Jig and Probe Capacitance.
Figure 5
FAST AND LS TTL DATA 5-5


▲Up To Search▲   

 
Price & Availability of SN74LS323DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X